Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316 Datasheet (PDF) - Micro Commercial Components

BAS316 Datasheet PDF - Micro Commercial Components
Part # BAS316
Download  BAS316 Download
File Size   400.42 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High Speed Switching Diode 400mW

BAS316 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS316 Datasheet PDF - Micro Commercial Components

Part # BAS316
Download  BAS316 Click to download

File Size   400.42 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High Speed Switching Diode 400mW

BAS316 Datasheet (HTML) - Micro Commercial Components


BAS316 Product details

Features
•  Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Surface Mount Package Ideally Suited for Automatic Insertion
•  High switching speed: max. 4ns
•  Moisture Sensitivity Level 1
•  Continuous reverse voltage: max. 100V
•  Repetitive peak reverse voltage: max. 100V
•  Repetitive peak forward current: max. 500mA




Similar Part No. - BAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS316 PHILIPS-BAS316 Datasheet
66Kb / 9P
High-speed diode
2004 Feb 04
logo
Galaxy Semi-Conductor H...
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
BAS316 KEXIN-BAS316 Datasheet
38Kb / 1P
High-Speed Diode
logo
NXP Semiconductors
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results


Similar Description - BAS316

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
High Speed Switching Diode 400mW
logo
Taiwan Semiconductor Co...
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
400mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_13 Datasheet
209Kb / 3P
High Speed Switching Diode 400mW
BAS316 MCC-BAS316_13 Datasheet
422Kb / 4P
High Speed Switching Diode 400mW
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
High Speed Switching Diode 400mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com