Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BAS316
Description  High Speed Switching Diode 400mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS316 Datasheet(HTML) 3 Page - Micro Commercial Components

  BAS316 Datasheet HTML 1Page - Micro Commercial Components BAS316 Datasheet HTML 2Page - Micro Commercial Components BAS316 Datasheet HTML 3Page - Micro Commercial Components BAS316 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS316
MCC
Revision: B
2011/04/20
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
105
10
4
10
200
0
100
T ( C)
j
o
IR
(nA)
10
3
10
2
75 V
25 V
typ
max
V
= 75 V
R
typ
Fig.5
Diode capacitance as a function of
reverse voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
08
16
12
4
0.8
0.6
0
0.4
0.2
VR (V)
Cd
(pF)
Fig.4
Reverse current as a function of
junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com