Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS316
Description  High Speed Switching Diode 400mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS316 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS316 Datasheet HTML 1Page - Micro Commercial Components BAS316 Datasheet HTML 2Page - Micro Commercial Components BAS316 Datasheet HTML 3Page - Micro Commercial Components BAS316 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
BAS316
A
B
E
C
J
D
H
G
SOD-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
High Speed
Switching Diode
400mW
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Electrical Characteristics @ 25
°C Unless Otherwise Specified
www.mccsemi.com
Parameter
Symbol Test Conditons MIN
MAX UNIT
Reverse breakdown voltage
VBR
IR=100uA
100
…
V
IF=1mA
…
715
IF=10mA
…
855
IF=50mA
…
1000
IF=150mA
…
1250
VR=25V
…
0.03
VR=75V
…
1
Reverse recovery time
Trr
IF=IR=10mAdc,
RL=100
…
4
ns
Diode capacitance
CD
VR=0V,f =1MHz
…
1.5
pF
Forward voltage
VF
mV
Reverse leakage current
uA
IR
Parameter
Symbol
Limits
Unit
DC Reverse Voltage
VR
100
V
Forward Current
I
250
mA
F
Total Device Dissipation
PD
400
mW
Junction and Storage temperature
Tj,Pstg
-65~+150
℃
Features
Mechanical Data
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Surface Mount Package Ideally Suited for Automatic Insertion
•
High switching speed: max. 4ns
•
Continuous reverse voltage: max. 100V
•
Repetitive peak reverse voltage: max. 100V
•
Repetitive peak forward current: max. 500mA
•
Marking: A6
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25°C Unless Otherwise Specified
Non-repetitive peak forward current
IFSM
t=1us
t=1ms
t=1s
4
1
0.5
A
Revision:
B
20
11/04/20
1 of 4
TM
Micro Commercial Components
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
.


Similar Part No. - BAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS316 PHILIPS-BAS316 Datasheet
66Kb / 9P
High-speed diode
2004 Feb 04
logo
Galaxy Semi-Conductor H...
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
BAS316 KEXIN-BAS316 Datasheet
38Kb / 1P
High-Speed Diode
logo
NXP Semiconductors
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS316

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
High Speed Switching Diode 400mW
logo
Taiwan Semiconductor Co...
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
400mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_13 Datasheet
209Kb / 3P
High Speed Switching Diode 400mW
BAS316 MCC-BAS316_13 Datasheet
422Kb / 4P
High Speed Switching Diode 400mW
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
High Speed Switching Diode 400mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com