Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SAN-85 Datasheet (PDF) - Sharp Corporation

LH28F008SAN-85 Datasheet PDF - Sharp Corporation
Part # LH28F008SAN-85
Download  LH28F008SAN-85 Download
File Size   249.75 Kbytes
Page   27 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8M (1M 횞 8) Flash Memory

LH28F008SAN-85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F008SAN-85 Datasheet PDF - Sharp Corporation

Part # LH28F008SAN-85
Download  LH28F008SAN-85 Click to download

File Size   249.75 Kbytes
Page   27 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8M (1M 횞 8) Flash Memory

LH28F008SAN-85 Datasheet (HTML) - Sharp Corporation


LH28F008SAN-85 Product details

DESCRIPTION
The LH28F008SA is a high-performance 8M (8,388,608 bit) memory organized at 1M (1,048,576 bytes) of 8 bits each. Sixteen 64K (65,536 Byte) blocks are included on the LH28F008SA. A memory map is shown in Figure 4 of this specification. A block erase operation erases one of the sixteen blocks of memory in typically 1.6 seconds, independent of the remaining blocks. Each block can be independently erased and written 100,000 cyles. Erase Suspend mode allows sys tem software to suspend block erase to read data or execute code from any other block of the LH28F008SA.

FEATURES
• Very High-Performance Read
   – 85 ns Maximum Access Time
• High-Density Symmetrically Blocked Architecture
   – Sixteen 64K Blocks
• Extended Cycling Capability
   – 100,000 Block Erase Cycles
   – 1.6 Million Block Erase Cycles per Chip
• Automated Byte Write and Block Erase
   – Command User Interface
   – Status Register
• System Performance Enhancements
   – RY»/BY» Status Output
   – Erase Suspend Capability
• Deep-Powerdown Mode
   – 0.20 µA ICC Typical
• SRAM-Compatible Write Interface
• Hardware Data Protection Feature
   – Erase/Write Lockout during Power Transitions
• Independent Software Vendor Support
   – Microsoft Flash File System™ (FFS)
• ETOX™ Nonvolatile Flash Technology
   – 12 V Byte Write/Block Erase
• Industry Standard Packaging
   – 40-Pin 1.2 mm × 10 mm × 20 mm TSOP (Type I) Package
   – 44-Pin 600-mil SOP Package




Similar Part No. - LH28F008SAN-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
294Kb / 35P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAR-85 SHARP-LH28F008SAR-85 Datasheet
1Mb / 34P
8M Flash Memory 1M (x8)
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F008SAT-85 SHARP-LH28F008SAT-85 Datasheet
1Mb / 34P
8M Flash Memory
More results


Similar Description - LH28F008SAN-85

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
8M (1M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
Flash Memory 8M (1M 횞8)
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
8M Flash Memory 1M (x8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
Flash Memory 8M (512K 횞 16/1M 횞 8)
LH28F008SCT-L85 SHARP-LH28F008SCT-L85 Datasheet
552Kb / 55P
Flash Memory 8M (1MB 횞 8)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com