Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19 Datasheet (PDF) - Micro Commercial Components

BAV19 Datasheet PDF - Micro Commercial Components
Part # BAV19
Download  BAV19 Download
File Size   277.52 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Small Signal Diodes 120 to 250 Volts

BAV19 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV19 Datasheet PDF - Micro Commercial Components

Part # BAV19
Download  BAV19 Click to download

File Size   277.52 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500mW Small Signal Diodes 120 to 250 Volts

BAV19 Datasheet (HTML) - Micro Commercial Components


BAV19 Product details

Features

• Silicon Epitaxial Planar Diodes

• For General Purpose

• This diode is also available in other case.

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)



 




Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV19 DIOTEC-BAV19 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results


Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W_11 Datasheet
310Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
logo
SUNMATE electronic Co.,...
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
logo
Micro Commercial Compon...
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com