Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV19
Description  500mW Small Signal Diodes 120 to 250 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV19 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV19 Datasheet HTML 1Page - Micro Commercial Components BAV19 Datasheet HTML 2Page - Micro Commercial Components BAV19 Datasheet HTML 3Page - Micro Commercial Components BAV19 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19
THRU
BAV21
500mW
Small Signal
Diodes
120 to 250 Volts
Features
Silicon Epitaxial Planar Diodes
For General Purpose
This diode is also available in other case.
Mechanical Data
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
Continuous Reverse Voltage
BAV19
BAV20
BAV21
100
150
200
V
VRRM
Repetitive Peak Reverse Voltage BAV19
BAV20
BAV21
120
200
250
V
IF
Forward DC Current at Tamb=25
OC(1)
250
mA
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at
Tamb=25
OC(1)
200
mA
IFRM
Repetitive Peak Forward Current at
f>50Hz, Tamb=25
OC(1)
625
mA
IFSM
Surge Forward Current at t<1s, Tj=25
OC
1.0
A
Ptot
Power Dissipation at Tamb=25
OC(2)
500
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=100mA)
(IF=200mA)
---
---
---
---
1.00
1.25
V
IR
Leakage Current
(VR=100V)
BAV19
(VR=100V, Tj=100
OC)
BAV19
(VR=150V)
BAV20
(VR=150V, Tj=100
OC)
BAV20
(VR=200V)
BAV21
(VR=200V, Tj=100
OC)
BAV21
---
---
---
---
---
---
---
---
---
---
---
---
100
15
100
15
100
15
nA
uA
nA
uA
nA
uA
rf
Dynamic Forward Resistance
(IF=10mA)
---
5.0
---
OHM
Ctot
Capacitance
(VR=0, f=1.0MHz)
---
1.5
---
pF
trr
Reverse Recovery Time
(IF=30mA, IR=30mA)
(Irr=3.0mA, RL=100OHMS)
---
---
50
ns
.
DO-35 GLASS
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity Level 1
2. Valid provided that leads are kept at ambient temperature at a distance of 8mm
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
from case.


Similar Part No. - BAV19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV19 DIOTEC-BAV19 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results

Similar Description - BAV19

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W_11 Datasheet
310Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
logo
SUNMATE electronic Co.,...
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
logo
Micro Commercial Compon...
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com