Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH53259 Datasheet (PDF) - Sharp Corporation

LH53259 Datasheet PDF - Sharp Corporation
Part # LH53259
Download  LH53259 Download
File Size   59.46 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 256K (32K x 8) MROM

LH53259 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH53259 Datasheet PDF - Sharp Corporation

Part # LH53259
Download  LH53259 Click to download

File Size   59.46 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 256K (32K x 8) MROM

LH53259 Datasheet (HTML) - Sharp Corporation


LH53259 Product details

DESCRIPTION
The LH53259 is a mask-programmable ROM organized as 32,768 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 32,768 words × 8 bit organization
• Access time: 150 ns (MAX.)
• Low-power consumption:
    Operating: 137.5 mW (MAX.)
    Standby: 550 µW (MAX.)
• Programmable output enable
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Packages:
    28-pin, 600-mil DIP
    28-pin, 450-mil SOP
    28-pin, 8 × 13.4 mm2 TSOP (Type I)
• JEDEC standard EPROM pinout (DIP)




Similar Part No. - LH53259

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
CMOS 2M (128K x 16) MROM
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
More results


Similar Description - LH53259

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com