Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5P8128 Datasheet (PDF) - Sharp Corporation

LH5P8128 Datasheet PDF - Sharp Corporation
Part # LH5P8128
Download  LH5P8128 Download
File Size   116.95 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (128K x 8) Pseudo-Static RAM

LH5P8128 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5P8128 Datasheet PDF - Sharp Corporation

Part # LH5P8128
Download  LH5P8128 Click to download

File Size   116.95 Kbytes
Page   13 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (128K x 8) Pseudo-Static RAM

LH5P8128 Datasheet (HTML) - Sharp Corporation


LH5P8128 Product details

DESCRIPTION
The LH5P8128 is a 1M bit Pseudo-Static RAM organized as 131,072 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 131,072 × 8 bit organization
• Access times (MAX.): 60/80/100 ns
• Cycle times (MIN.): 100/130/160 ns
• Single +5 V power supply
• Power consumption:
    Operating: 572/385/275 mW (MAX.)
    Standby (CMOS level): 1.1 mW (MAX.)
• TTL compatible I/O
• Available for auto-refresh and self-refresh modes
• 512 refresh cycles/8 ms
• Compatible with standard 1M SRAM pinout
• Packages:
    32-pin, 600-mil DIP
    32-pin, 525-mil SOP
    32-pin, 8 × 20 mm2 TSOP (Type I)




Similar Part No. - LH5P8128

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P8129 SHARP-LH5P8129 Datasheet
119Kb / 14P
CMOS 1M (128K x 8) CS-Control Pseudo-Static RAM
More results


Similar Description - LH5P8128

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
CMOS 1M (128K x 8) Static Ram
LH5P8129 SHARP-LH5P8129 Datasheet
119Kb / 14P
CMOS 1M (128K x 8) CS-Control Pseudo-Static RAM
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
CMOS 4M (512K x 8) Pseudo-Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Toshiba Semiconductor
TC51832P TOSHIBA-TC51832P Datasheet
726Kb / 12P
32,768WERD X 8-BIT CMOS PSEUDO STATIC RAM
logo
Weida Semiconductor, In...
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com