Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD7000 Datasheet (PDF) - Micro Commercial Components

MMBD7000 Datasheet PDF - Micro Commercial Components
Part # MMBD7000
Download  MMBD7000 Download
File Size   219.58 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 225mW 100Volt Dual Switching Diode

MMBD7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD7000 Datasheet PDF - Micro Commercial Components

Part # MMBD7000
Download  MMBD7000 Click to download

File Size   219.58 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 225mW 100Volt Dual Switching Diode

MMBD7000 Datasheet (HTML) - Micro Commercial Components


MMBD7000 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Low Current Leakage
• Low Cost
• Small Outline Surface Mount Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking : M5C / T3




Similar Part No. - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
151Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 3 - 2
logo
General Semiconductor
MMBD7000 GE-MMBD7000 Datasheet
91Kb / 2P
DUAL SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
350mW 100Volt Dual Switching Diode
More results


Similar Description - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
350mW 100Volt Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS116 MCC-BAS116 Datasheet
153Kb / 2P
225mW Switching Diode
BAV74 MCC-BAV74 Datasheet
262Kb / 3P
225mW 50 Volt Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS21A MCC-BAS21A_13 Datasheet
234Kb / 2P
225mW 250Volt Switching Diode
BAS116 MCC-BAS116_13 Datasheet
193Kb / 2P
225mW Switching Diode
BAV74 MCC-BAV74_13 Datasheet
314Kb / 3P
225mW 50 Volt Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000_17 Datasheet
284Kb / 3P
225mW 100Volt Dual Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com