Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ9GG33 Datasheet (PDF) - Sharp Corporation

LZ9GG33 Datasheet PDF - Sharp Corporation
Part # LZ9GG33
Download  LZ9GG33 Download
File Size   2764.88 Kbytes
Page   58 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Single Chip Drive IC(270K/320K pixel B/W CCD)

LZ9GG33 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ9GG33 Datasheet PDF - Sharp Corporation

Part # LZ9GG33
Download  LZ9GG33 Click to download

File Size   2764.88 Kbytes
Page   58 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Single Chip Drive IC(270K/320K pixel B/W CCD)

LZ9GG33 Datasheet (HTML) - Sharp Corporation


LZ9GG33 Product details

General
The LZ9GG33M is a CMOS gate array LSI. It generates timing pulses for driving a CCD area sensor which has 270,000 or 320,000 pixels,synchronous pulse for TV signals and processing for video signals.

Features
* The package material is plastic.
* A p-type silicon circuit board is used.
* The package type is 4%pin QFP (0.5mm pin-pitch).
* The process (structure) is CMOS.
* The delay time per 1 gate is 0.9ns.
* Not designed or rated as radiation hardened

Functions
* Designed for CCD monochrome area sensor with 270,000 or 320,000 pixels.
* Switchable between EIA and CCIR mode.
* Single +5V power supply.
* Electronic shutter and EE control is possible.
* Mirror image control function is possible.
* Four-power supply operation CCD mode (TypeA,TypeB) and Two-power supply operation CCD mode is possible.
* Fild accumulation mode and Frame accumuration mode is possible in the Four-power supply operation CCD.
* To select the following max. shutter speed is possible in the Two-power supply operation CCD. about l/lOO,OOOs , 1/56,OOOs , 1/32,OOOs and l/ll,OOOs




Similar Part No. - LZ9GG33

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9GG32M SHARP-LZ9GG32M Datasheet
1Mb / 31P
Drive IC(190K/220K pixels single voltage B/W CCD)
More results


Similar Description - LZ9GG33

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9GG32M SHARP-LZ9GG32M Datasheet
1Mb / 31P
Drive IC(190K/220K pixels single voltage B/W CCD)
logo
Sony Corporation
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
7500-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com