Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC724 Datasheet (PDF) - Sharp Corporation

PC724 Datasheet PDF - Sharp Corporation
Part # PC724
Download  PC724 Download
File Size   59.12 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Input Current Type Photocoupler

PC724 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC724 Datasheet PDF - Sharp Corporation

Part # PC724
Download  PC724 Click to download

File Size   59.12 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Input Current Type Photocoupler

PC724 Datasheet (HTML) - Sharp Corporation


PC724 Product details

■ Features
1. High input current ( IF : MAX. 150mA )
2. High isolation voltage between input and output
    ( Viso : 5 000Vrms )
3. Standard dual-in-line package
4. Recoginzed by UL, file no. E64380

■ Applications
1. Telephone sets
2. I/O interfaces for microcomputer
3. System appliances, measuring instruments
4. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC724

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
PC721A SWITCH-PC721A Datasheet
189Kb / 1P
2.1mm POWER JACKS STRAIGHT PC, RoHS
02/08/17
PC722A SWITCH-PC722A Datasheet
74Kb / 1P
POWER JAX
PC722AH SWITCH-PC722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC722AH SWITCH-PC722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC722AH. SWITCH-PC722AH. Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results


Similar Description - PC724

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com