Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC724 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC724
Description  High Input Current Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC724 Datasheet(HTML) 1 Page - Sharp Corporation

  PC724 Datasheet HTML 1Page - Sharp Corporation PC724 Datasheet HTML 2Page - Sharp Corporation PC724 Datasheet HTML 3Page - Sharp Corporation PC724 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC724V
PC724V
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
s Applications
2. High isolation voltage between input and
output
3. Standard dual-in-line package
2. I/O interfaces for microcomputer
3. System appliances, measuring instru-
ments
4. Signal transmission between circuits of
different potentials and impedances
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
150
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
230
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
80
mA
Collector power dissipation
P C
160
mW
Total power dissipation
P tot
320
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 25 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
Internal connection
diagram
Anode mark
θ
θ
PC724V
s Outline Dimensions
( Unit : mm)
s Absolute Maximum Ratings
( Ta = 25˚C)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
123
6
5
4
12
3
65
4
1 Anode
2 Cathode
3 NC
4 Emitter
5 Collector
6 NC
1. High input current ( IF : MAX. 150mA )
( Viso
rms )
4. Recoginzed by UL, file no. E64380
High Input Current Type
Photocoupler
1. Telephone sets
: 5 000V
5 000
*2 40 to 60% RH, AC for 1 minute
s Features
V rms
g Lead forming type ( W type ) and taping reel type ( P type ) are also available. ( PC724W/PC724VP )
θ = 0 to 13 ˚
1.2 ± 0.3
0.9 ± 0.2
7.12 ± 0.5
2.54± 0.25
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1


Similar Part No. - PC724

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
PC721A SWITCH-PC721A Datasheet
189Kb / 1P
2.1mm POWER JACKS STRAIGHT PC, RoHS
02/08/17
PC722A SWITCH-PC722A Datasheet
74Kb / 1P
POWER JAX
PC722AH SWITCH-PC722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC722AH SWITCH-PC722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC722AH. SWITCH-PC722AH. Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results

Similar Description - PC724

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com