Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC724 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC724
Description  High Input Current Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC724 Datasheet(HTML) 2 Page - Sharp Corporation

  PC724 Datasheet HTML 1Page - Sharp Corporation PC724 Datasheet HTML 2Page - Sharp Corporation PC724 Datasheet HTML 3Page - Sharp Corporation PC724 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC724V
s Electro-optical Characteristics
( Ta = 25˚C)
0
-25
50
0
25
50
75
100
125
100
150
200
Ambient temperature T a (˚C)
Fig. 1 Forward Current vs.
Ambient Temperature
Duty ratio
10
20
100
50
200
500
10 -3
10 -2
10 -1
Fig. 3 Peak Forward Current vs. Duty Ratio
Forward voltage V F ( V )
0
1
2
0.5
1.0
1.5
2.0
2.5
5
10
20
50
100
200
500
Fig. 4 Forward Current vs.
Forward Voltage
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 100mA
-
1.4
1.7
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 20V, I F =0
-
-
10 -7
A
Transfer
charac-
teristics
Current tranfer ratio
CTR
IF = 100mA, V CE = 2V
20
-
80
%
Collector-emitter saturation voltage
V CE(sat)
IF = 100mA, I C = 1mA
-
0.1
0.2
V
Isolation resistance
R ISO
5x 1010 1x 1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fc
V CE = 5V, I C = 2mA, R L =100
Ω, - 3dB
-
100
-
kHz
Response time
Rise time
Fall time
t r
V CE = 5V, I C = 2mA
-
4
18
µ s
tf
RL = 100
Ω
-3
18
µ s
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
160
-25
Fig. 2 Collector Power Dissipation vs.
Pulse width <=100
µs
Ambient temperature T a (˚C)
Ta = 25˚C
Ta = 25˚C
DC500V, 40 to 60% RH
1
10 000
5 000
2 000
1 000
1 000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com