Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC915 Datasheet (PDF) - Sharp Corporation

PC915 Datasheet PDF - Sharp Corporation
Part # PC915
Download  PC915 Download
File Size   104.53 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Wide Band Linear Output Type OPIC Photocoupler

PC915 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC915 Datasheet PDF - Sharp Corporation

Part # PC915
Download  PC915 Click to download

File Size   104.53 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Wide Band Linear Output Type OPIC Photocoupler

PC915 Datasheet (HTML) - Sharp Corporation


PC915 Product details

■ Features

1. Wide band linear output type ( Frequency band width : TYP. 10Hz ( Viso to 8MHz )

2. Fluctuation free stable output ( Output fluctuation : TYP. ± 5% at

3. High isolation voltage

4. Standard dual-in-line package within operating temperature 50 000hr )

5. Recognized by UL, file No, E64380 : 5 000V rms )



■ Applications

1. Video signal insulation in TV

2. Insulation amplifier in measuring instrument and FA equipment




Similar Part No. - PC915

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC91.07.0100A.DB TAOGLAS-PC91.07.0100A.DB Datasheet
806Kb / 10P
compatible with hirose u.fl
logo
List of Unclassifed Man...
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
logo
Taoglas antenna solutio...
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
Thestripe 915Mhz PCB Antenna
logo
Sharp Corporation
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results


Similar Description - PC915

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com