Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC915 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 2 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PC915
s Electro-optical Characteristics
( Unless otherwise spcified, Ta = 25˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Fig.
Input
Forward voltage
V F
IF = 10mA
-
1.6
1.8
V
1
Reverse voltage
IR
V R =5V
-
-
10
µ A-
Terminal capacitance
Ct
-
60
250
pF
-
Output
Supply current
ICC
IF = 10mA
-
9
16
mA
1
DC output voltage
V ODC
IF = 10mA
4
6
8
V
1
Output noise voltage
V ONO
IF = 10mA,
Band width =
100Hz to 4.2MHz
-4
-
1
Transfer
charac-
teristics
AC output voltage
V OAC
RE = 230
Ω
0.8
1.0
1.2
V P-P
2
AC output
voltage
fluctuation
*1 Temperature characteristics
∆V OAC-1
RE = 230
Ω,
Ta = 10 to 70˚C
-± 3
-
%
2
*2 Forward current characteristics
∆V OAC-2
RE = 230 to 460
Ω
-± 3
-
%
2
*3
Cut-off
frequency
High frequency
f CH
RE = 230
Ω
6
8
-
MHz
2
Low frequency
f CL
RE = 230
Ω
-10
20
Hz
2
Differential gain
DG
-
-
%
3
Differential phase
DP
-
- 3
-
3
Isolation resistance
RISO
DC500V,
5x 1010 1x 1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
5
pF
-
-
Parameter
Symbol
MIN.
MAX.
Unit
Input
Forward bias current
I FB
815
mA
Output
Supply voltage
V CC
813
V
AC output voltage
V OAC
-V P-P
Output current
IO
- 0.6
+ 0.2
mA
C terminal capacitance
CC
10
-
µ F
s Recommended Operating Conditions
*1 Fluctuation ratio of VOAC
*2 Fluctuation ratio of V
at R = 230 to 460
Ω on the basis of V
at R = 230
Ω
OAC
E
OAC
E
*3 Frequency of V
when V
falls by 3dB on the basis of V
when frequency of V
IN
OAC
OAC
IN in Fig. 2 is 100kHz.
at Ta = - 10 to 70˚C on the basis of VOAC at Ta = 25˚C
V = 0, f = 1MHz
40 to 60% RH
+3
˚
4
mV rms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com