Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC915 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC915
Description  Wide Band Linear Output Type OPIC Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC915 Datasheet(HTML) 4 Page - Sharp Corporation

  PC915 Datasheet HTML 1Page - Sharp Corporation PC915 Datasheet HTML 2Page - Sharp Corporation PC915 Datasheet HTML 3Page - Sharp Corporation PC915 Datasheet HTML 4Page - Sharp Corporation PC915 Datasheet HTML 5Page - Sharp Corporation PC915 Datasheet HTML 6Page - Sharp Corporation PC915 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VIN Waveform
Fig. 3
PC915
230
9V
pF
100
470
100
µ F
1.2k
75
2
3
4
6
5
8
7
AGC
PC915
NC
Anode
Cathode
NC
GND
C
10
µF
F
µ
10
9V
DG, DP
Tester
+
+
+
VCC
VO
AMP
Tr1
Tr2
1
Tr1, Tr2 : 2SA1029 or other same rank products
0.067ms(1/15ms)
wave 3.58MHz
Superposition
APL50%
V
g APL (Average Picture Level )
g IRE (International Radio Engineers )
1IRE = 7.14mV (NTSC System )
Ambient temperature T a (˚C)
Fig. 4 Forward Current vs. Ambient
Temperature
iN
0
30
25
10
20
15
5
- 25
0
25
50
75
100
85



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com