Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202SE2 Datasheet (PDF) - Sharp Corporation

S202SE2 Datasheet PDF - Sharp Corporation
Part # S202SE2
Download  S202SE2 Download
File Size   64.55 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR for Medium Power Control

S202SE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
S202SE2 Datasheet PDF - Sharp Corporation

Part # S202SE2
Download  S202SE2 Click to download

File Size   64.55 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR for Medium Power Control

S202SE2 Datasheet (HTML) - Sharp Corporation


S202SE2 Product details


Description

S202SE2 Series reinforced insulation type Solid State Relays (SSR) are an integration of an infrared emitting diode (IRED), a Phototriac Detector and a main output Triac. These devices are ideally suited for controlling high voltage AC loads with solid state reliability while providing 3.0kV isolation (Viso(rms)) from input to output.



Features

1. Output current, IT(rms)≤8.0A

2. Zero crossing functionary (VOX : MAX. 35V)

3. 4 pin SIP package

4. High repetitive peak off-state voltage (VDRM : 600V)

5. Reinforced insulation type (MIN. 0.4mm internal separation)

6. High isolation voltage between input and output (Viso(rms) : 3.0kV)

7. Lead-free terminal components are also available

(see Model Line-up section in this datasheet)

8. Screw hole for heat sink







Similar Part No. - S202SE2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202SE2F SHARP-S202SE2F Datasheet
250Kb / 14P
Non-zero cross type is also available. (S202SE1 Series)
More results


Similar Description - S202SE2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
SIP Type SSR for Medium Power Control
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
6-pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
8-Pin DIP Type SSR for Low Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
8-Pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
5mm Mini SIP SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com