Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3515 Datasheet (PDF) - Sharp Corporation

SM3515 Datasheet PDF - Sharp Corporation
Part # SM3515
Download  SM3515 Download
File Size   38.32 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(For Data Bank Use)

SM3515 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM3515 Datasheet PDF - Sharp Corporation

Part # SM3515
Download  SM3515 Click to download

File Size   38.32 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(For Data Bank Use)

SM3515 Datasheet (HTML) - Sharp Corporation


SM3515 Product details

DESCRIPTION

The SM3515 is a CMOS 4-bit single-chip microcomputer for databank incorporating data memory RAM, LCD driver, key input circuits and buzzer output circuit. By connecting an external crystal, a 1Hz timer interrupt is made possible for easier clock function.



FEATURES

• ROM capacity :

   Program ROM 12 k x 23 bits

   Character ROM 5 x 8 x 128 bits

• RAM capacity :

   Working RAM 256 x 4 bits

   Display RAM 60 x 8 bits

   Data RAM 512 x 8 bits

• LCD display : 60-segment x 8-common

• I/O ports :

   Buzzer output 1 bit (4 kHz)

   Key input 7 bits

• Standby release : 2 events (2 Hz signal, key input)

• Built-in oscillator :

   System clock (built-in CR oscillator) 300 kHz

   Timer (built-in CR oscillator) 32.8 kHz

   (external crystal) 32.768 kHz

• Instruction cycle time : 10 µs

• Operating temperature : –10 to +60°C

• Supply voltage : 2.5 to 3.4 V

• Package : 100-pin QFP (QFP100-P-1420)



 




Similar Part No. - SM3515

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM3510 FAIRVIEW-SM3510 Datasheet
710Kb / 4P
SM3510 DATA SHEET N Male to BNC Female Adapter
REV 2.1
logo
Sharp Corporation
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
logo
Infinite Electronics In...
SM3511 FAIRVIEW-SM3511 Datasheet
508Kb / 3P
SM3511 DATA SHEET N Male to BNC Female Adapter
REV 2.1
logo
Sharp Corporation
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Similar Description - SM3515

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com