Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329 Datasheet (PDF) - Hittite Microwave Corporation

HMC329 Datasheet PDF - Hittite Microwave Corporation
Part # HMC329
Download  HMC329 Download
File Size   212.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz

HMC329 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC329 Datasheet PDF - Hittite Microwave Corporation

Part # HMC329
Download  HMC329 Click to download

File Size   212.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz

HMC329 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
206Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
HMC329A-SX AD-HMC329A-SX Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
More results


Similar Description - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329_07 Datasheet
206Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com