Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC544 Datasheet (PDF) - Hittite Microwave Corporation

HMC544 Datasheet PDF - Hittite Microwave Corporation
Part # HMC544
Download  HMC544 Download
File Size   195.93 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC T/R SWITCH, DC - 4 GHz

HMC544 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC544 Datasheet PDF - Hittite Microwave Corporation

Part # HMC544
Download  HMC544 Click to download

File Size   195.93 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC T/R SWITCH, DC - 4 GHz

HMC544 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC544

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC544A AD-HMC544A Datasheet
315Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544AE AD-HMC544AE Datasheet
315Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC544E HITTITE-HMC544E Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
More results


Similar Description - HMC544

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC784MS8GE HITTITE-HMC784MS8GE Datasheet
257Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC784A AD-HMC784A Datasheet
527Kb / 9P
GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
HMC544A AD-HMC544A Datasheet
315Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com