Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC637LP5E Datasheet (PDF) - Hittite Microwave Corporation

HMC637LP5E Datasheet PDF - Hittite Microwave Corporation
Part # HMC637LP5E
Download  HMC637LP5E Download
File Size   931.22 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz

HMC637LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC637LP5E Datasheet PDF - Hittite Microwave Corporation

Part # HMC637LP5E
Download  HMC637LP5E Click to download

File Size   931.22 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz

HMC637LP5E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC637LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC637LP5E AD-HMC637LP5E Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC637LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC755LP4 HITTITE-HMC755LP4_09 Datasheet
318Kb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC1022 HITTITE-HMC1022 Datasheet
683Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC - 48 GHz
logo
Analog Devices
HMC637A AD-HMC637A Datasheet
374Kb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com