Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1195 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SK1195 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SK1195
Download  2SK1195 Download
File Size   395.86 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VR Series Power MOSFET(230V 1.5A)

2SK1195 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1195 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SK1195
Download  2SK1195 Click to download

File Size   395.86 Kbytes
Page   10 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VR Series Power MOSFET(230V 1.5A)

2SK1195 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SK1195 Product details

N-Channel Enhancement type



FEATURES

● Applicable to 4V drive.

● The static Rds(on) is small.

● Built-in ZD for Gate Protection.



APPLICATION

● DC/DC converters

● Power supplies of DC 12-24V input

● Product related to Integrated Service Digital Network



 




Similar Part No. - 2SK1195

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1195 ISC-2SK1195 Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK1195

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Shindengen Electric Mfg...
2SK1194 SHINDENGEN-2SK1194 Datasheet
397Kb / 10P
VR Series Power MOSFET(230V 0.5A)
2SK1931 SHINDENGEN-2SK1931 Datasheet
370Kb / 9P
VR Series Power MOSFET(200V 5A)
F05B23VR SHINDENGEN-F05B23VR Datasheet
432Kb / 12P
VR Series Power MOSFET(230V 0.5A)
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
Shindengen Electric Mfg...
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
VR Series Power MOSFET
logo
Microchip Technology
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
logo
Rohm
RSQ015N06FRA ROHM-RSQ015N06FRA Datasheet
778Kb / 14P
Nch 60V 1.5A Power MOSFET
RSQ015P10FRA ROHM-RSQ015P10FRA Datasheet
846Kb / 14P
Pch -100V -1.5A Power MOSFET
logo
E-CMOS Corporation
EC742N65E E-CMOS-EC742N65E Datasheet
166Kb / 4P
650V 1.5A N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com