Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F05B23VR Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

F05B23VR Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # F05B23VR
Download  F05B23VR Download
File Size   432.9 Kbytes
Page   12 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VR Series Power MOSFET(230V 0.5A)

F05B23VR Datasheet (PDF)

Go To PDF Page Download Datasheet
F05B23VR Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # F05B23VR
Download  F05B23VR Click to download

File Size   432.9 Kbytes
Page   12 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VR Series Power MOSFET(230V 0.5A)

F05B23VR Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


F05B23VR Product details

FEATURES
● Applicable to 4V drive.
● The static Rds(on) is small.
● Built-in ZD for Gate Protection.

APPLICATION
● DC/DC converters
● Power supplies of DC 12-24V input
● Product related to Integrated Service Digital Network




Similar Part No. - F05B23VR

ManufacturerPart #DatasheetDescription
logo
Powerbox
F05 POWERBOX-F05 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F05 XPPOWER-F05 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F05 XPPOWER-F05 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
logo
Amphenol Communications...
F05-0254 AMPHENOLCS-F05-0254 Datasheet
612Kb / 10P
ROCARD SHIELD
Oct 01, 2010 Rev:M
logo
XP Power Limited
F05/F05CT XPPOWER-F05/F05CT Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Similar Description - F05B23VR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DFD05T SANYO-DFD05T Datasheet
47Kb / 2P
0.5A Power Rectifier
logo
Shindengen Electric Mfg...
2SK1194 SHINDENGEN-2SK1194 Datasheet
397Kb / 10P
VR Series Power MOSFET(230V 0.5A)
2SK1195 SHINDENGEN-2SK1195 Datasheet
395Kb / 10P
VR Series Power MOSFET(230V 1.5A)
2SK1931 SHINDENGEN-2SK1931 Datasheet
370Kb / 9P
VR Series Power MOSFET(200V 5A)
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
Shindengen Electric Mfg...
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
VR Series Power MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A_11 Datasheet
218Kb / 8P
0.5A, 600V N-CHANNEL POWER MOSFET
1N65A UTC-1N65A Datasheet
202Kb / 8P
0.5A, 650V N-CHANNEL POWER MOSFET
logo
Rohm
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
Nch 250V 0.5A Power MOSFET
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
Nch 600V 0.5A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com