Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F05B23VR Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # F05B23VR
Description  VR Series Power MOSFET(230V 0.5A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

F05B23VR Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  F05B23VR Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd F05B23VR Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SHINDENGEN
F05B23VR
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
230V 0.5A
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
Case : B-pack
VR Series Power MOSFET
N-Channel Enhancement type
●
DC/DC converters
●
Power supplies of DC 12-24V input
●
Product related to
Integrated Service Digital Network
APPLICATION
●
Applicable to 4V drive.
●
The static Rds(on) is small.
●
Built-in ZD for Gate Protection.
FEATURES
●Absolute Maximum Ratings (Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
℃
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
230
V
Gate-Source Voltage
VGSS
±20
Continuous Drain Current(DC)
ID
0.5
Continuous Drain Current(Peak)
IDP
1
A
Continuous Source Current(DC)
IS
0.5
PT
On alumina substrate, 50.8mm
□, substrate thickness 0.64t, Ta = 25℃
1.5
W
Total Power Dissipation
3.5


Similar Part No. - F05B23VR

ManufacturerPart #DatasheetDescription
logo
Powerbox
F05 POWERBOX-F05 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F05 XPPOWER-F05 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F05 XPPOWER-F05 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
logo
Amphenol Communications...
F05-0254 AMPHENOLCS-F05-0254 Datasheet
612Kb / 10P
ROCARD SHIELD
Oct 01, 2010 Rev:M
logo
XP Power Limited
F05/F05CT XPPOWER-F05/F05CT Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F05B23VR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DFD05T SANYO-DFD05T Datasheet
47Kb / 2P
0.5A Power Rectifier
logo
Shindengen Electric Mfg...
2SK1194 SHINDENGEN-2SK1194 Datasheet
397Kb / 10P
VR Series Power MOSFET(230V 0.5A)
2SK1195 SHINDENGEN-2SK1195 Datasheet
395Kb / 10P
VR Series Power MOSFET(230V 1.5A)
2SK1931 SHINDENGEN-2SK1931 Datasheet
370Kb / 9P
VR Series Power MOSFET(200V 5A)
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
FLASH VR CONTROLLER
logo
Shindengen Electric Mfg...
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
VR Series Power MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A_11 Datasheet
218Kb / 8P
0.5A, 600V N-CHANNEL POWER MOSFET
1N65A UTC-1N65A Datasheet
202Kb / 8P
0.5A, 650V N-CHANNEL POWER MOSFET
logo
Rohm
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
Nch 250V 0.5A Power MOSFET
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
Nch 600V 0.5A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com