Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1931 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SK1931 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SK1931
Download  2SK1931 Download
File Size   370.17 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VR Series Power MOSFET(200V 5A)

2SK1931 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1931 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SK1931
Download  2SK1931 Click to download

File Size   370.17 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description VR Series Power MOSFET(200V 5A)

2SK1931 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SK1931 Product details

FEATURES
● Applicable to 4V drive.
● The static Rds(on) is small.
● Built-in ZD for Gate Protection.

APPLICATION
● DC/DC converters
● Power supplies of DC 12-24V input
● Product related to
● Integrated Service Digital Network




Similar Part No. - 2SK1931

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1931 ISC-2SK1931 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK1931

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK1194 SHINDENGEN-2SK1194 Datasheet
397Kb / 10P
VR Series Power MOSFET(230V 0.5A)
2SK1195 SHINDENGEN-2SK1195 Datasheet
395Kb / 10P
VR Series Power MOSFET(230V 1.5A)
F05B23VR SHINDENGEN-F05B23VR Datasheet
432Kb / 12P
VR Series Power MOSFET(230V 0.5A)
logo
Intersil Corporation
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7396 INTERSIL-JANSR2N7396 Datasheet
44Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Rohm
RDN050N20 ROHM-RDN050N20 Datasheet
50Kb / 4P
Switching (200V, 5A)
logo
Shindengen Electric Mfg...
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
VR Series Power MOSFET
logo
Rohm
2SK2459N ROHM-2SK2459N Datasheet
137Kb / 4P
Switching (200V, 5A)
RD3T050CN ROHM-RD3T050CN Datasheet
2Mb / 15P
Nch 200V 5A Power MOSFET
logo
Taiwan Semiconductor Co...
UG54GS TSC-UG54GS Datasheet
262Kb / 5P
5A, 200V Ultrafast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com