Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

682LP6CE Datasheet (PDF) - Hittite Microwave Corporation

682LP6CE Datasheet PDF - Hittite Microwave Corporation
Part # 682LP6CE
Download  682LP6CE Download
File Size   890.46 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz

682LP6CE Datasheet (PDF)

Go To PDF Page Download Datasheet
682LP6CE Datasheet PDF - Hittite Microwave Corporation

Part # 682LP6CE
Download  682LP6CE Click to download

File Size   890.46 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz

682LP6CE Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 682LP6CE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
682LKP050M ILLINOISCAPACITOR-682LKP050M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
682LKP063M ILLINOISCAPACITOR-682LKP063M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
682LKP080M ILLINOISCAPACITOR-682LKP080M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
682LKP100M ILLINOISCAPACITOR-682LKP100M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
682LKP160M ILLINOISCAPACITOR-682LKP160M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
More results


Similar Description - 682LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com