Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

682LP6CE Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # 682LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

682LP6CE Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button 682LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
9 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC682LP6C / 682LP6CE
v00.0308
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
item
Description
J1 - J6
PcB mount smA connector
J7 - J10
2mm vertical molex 8pc connector
L1, L2
51 nH inductor, 0603 Pkg.
L3 - L6
390 nH inductor, 0603 Pkg.
L7 - L10
2.2 nH inductor, 0402 Pkg.
c7, c8, c26, c38
22 pF capacitor, 0402 Pkg.
c9, c10
10 nF capacitor, 0603 Pkg.
c11, c17, c19, c24, c27, c29,
c34, c37, c40, c48, c50
1 nF capacitor, 0402 Pkg.
c12, c15, c16, c18, c20,
c25, c28, c30, c35, c36,
c39, c47, c49
0.1 µF capacitor, 0603 Pkg.
c13, c14, c60 - c63
100 pF capacitor, 0402 Pkg.
c21, c22, c32, c33
0.01 µF capacitor, 0402 Pkg.
c51 - c59
0.47 µF capacitor, 0603 Pkg.
r7, r8
330 ohm resistor, 0603 Pkg.
t1, t2
1:1 transformer - tyco etc1-1t
U1
Hmc682LP6c(e)
PcB [2]
118274 evaluation PcB
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board material: Arlon-25Fr and Fr4
List of Materials for Evaluation PCB 119925 [1]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com