Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

682LP6CE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 682LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

682LP6CE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  682LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation 682LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9
9 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC682LP6C / 682LP6CE
v00.0308
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
Harmonics of LO
MxN Spurious @ IF Port
nLo
mrF
0
1
2
3
4
0
xx
39
20
46
47
1
35
0
40
24
66
2
72
61
63
54
83
3
107
73
90
70
101
4
116
125
114
106
108
rF Freq. = 1.9 GHz @ -5 dBm
Lo Freq. = 1.7 GHz @ 0 dBm
All values in dBc below iF power level (1rF - 1Lo).
nLo spur @ rF Port
Lo Freq. (GHz)
1
2
3
4
1.4
25
29
38
19
1.5
24
28
31
21
1.6
25
23
30
21
1.7
26
19
38
14
1.8
29
16
43
16
1.9
31
15
40
19
2.0
32
14
43
22
Lo = 0 dBm
All values in dBc below input Lo level measured at rF port.
Typical Supply Current vs. Vdd
vcc
icc (mA)
4.75
415
5.00
450
5.25
490
Downconverter will operate over full voltage range shown above.
Truth Table
Lo_seL (v)
Lo signal Path
0
Lo1
5
Lo2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com