Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC686LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC686LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC686LP4
Download  HMC686LP4 Download
File Size   1133.43 Kbytes
Page   18 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz

HMC686LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC686LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC686LP4
Download  HMC686LP4 Click to download

File Size   1133.43 Kbytes
Page   18 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz

HMC686LP4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC686LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
Analog Devices
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC680LP4E HITTITE-HMC680LP4E Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4E HITTITE-HMC680LP4E Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
More results


Similar Description - HMC686LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC786LP4E HITTITE-HMC786LP4E Datasheet
393Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC684LP4 HITTITE-HMC684LP4_10 Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com