Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC686LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC686LP4
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC686LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC686LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC686LP4 / 686LP4E
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1500 MHz
v05.0509
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, LO = 0 dBm, Vcc1, 2, 3, = +5V
Typical Applications
Nominal supply
icc = 105 mA [1]
icc = 80 mA [1]
icc = 60 mA [1]
icc = 120mA [2]
Units
Parameter
Min.
Typ.
Max.
Typ.
Typ.
Min.
Typ.
Max.
Frequency range, rF
0.7 - 1.1
1.4 - 1.5
GHz
Frequency range, LO
0.85 - 1.25
1.1 - 1.5
GHz
LO injection Type
High side
Low side
Frequency range, iF
DC to 500
50 - 250
MHz
Conversion Loss
7.5
9.5
7.5
7.5
8
10
dB
Noise Figure (ssB)
7.5
7.5
7.5
8
dB
LO to rF isolation
18
24
26
28
20
36
dB
LO to iF isolation
30
41
41
42
28
39
dB
rF to iF isolation
27
36
36
35
27
38
dB
iP3 (input)
34
32.5
31.5
32
dBm
1 dB Compression (input)
25
24.5
23.5
25
dBm
LO Drive input Level (Typical)
-3 to +3
-3 to +3
-3 to +3
-3 to +3
dBm
Gate Bias Voltage G_BiAs
3.5
3.5
3.5
2.5
V
supply Current icc Total
105
125
80
60
120
140
mA
[1] Unless otherwise noted all measurements performed for 0.7 - 1.1 GHz rF band as downconverter with high side LO & iF = 150 MHz,
icc = 105 mA, G_Bias = 3.5 V
[2] Unless otherwise noted all measurements performed for 1.4 - 1.5 GHz rF LTe band as downconverter with low side LO & iF = 140 MHz
The HMC686LP4(e) is ideal for:
• Cellular/3G & LTe/WiMAx/4G
• Basestations & repeaters
• GsM, CDMA & OFDM
• Transmitters and receivers
The HMC686LP4(e) is a high dynamic range passive
MMiC mixer with integrated LO amplifier in a 4x4
sMT QFN package covering 0.7 to 1.1 GHz. excellent
input iP3 performance of +34 dBm for down conver-
sion is provided for 3G & 4G GsM/CDMA applications
at an LO drive of 0 dBm. With an input 1 dB com-
pression of +25 dBm, the rF port will accept a wide
range of input signal levels. Conversion loss is 7.5 dB
typical. The DC to 500 MHz iF frequency response
will satisfy GsM/CDMA transmit or receive frequ-
ency plans. The HMC686LP4(e) is optimized to high
side LO frequency plans for 0.7 - 1.1 GHz rF Band
and is pin for pin compatible with the HMC684LP4(e)
which is a 0.7 - 1.0 GHz converter optimized for low
side LO. The HMC686LP4(e) is optimized to low side
LO frequency plans for 1.4 - 1.5 GHz rF LTe band
applications.
High input iP3: +34 dBm
7.5 dB Conversion Loss @ 0 dBm LO
Optimized to High side LO input for
0.7 - 1.1 GHz rF Band
Optimized to Low side LO input for
1.4 - 1.5 GHz rF Band
Adjustable supply Current
24 Lead 4x4mm sMT Package: 16mm2


Similar Part No. - HMC686LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
Analog Devices
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC680LP4E HITTITE-HMC680LP4E Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4E HITTITE-HMC680LP4E Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
More results

Similar Description - HMC686LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC786LP4E HITTITE-HMC786LP4E Datasheet
393Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC684LP4 HITTITE-HMC684LP4_10 Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com