Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC734LP5 Datasheet (PDF) - Hittite Microwave Corporation

HMC734LP5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC734LP5
Download  HMC734LP5 Download
File Size   447.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz

HMC734LP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC734LP5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC734LP5
Download  HMC734LP5 Click to download

File Size   447.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz

HMC734LP5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC734LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5E HITTITE-HMC734LP5E Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
More results


Similar Description - HMC734LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5 Datasheet
259Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
MMIC VCO w/ DIVIDE-BY-16
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com