Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC734LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC734LP5
Description  MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC734LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC734LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 6
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and backside ground paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 110227 [1]
Item
Description
J1 - J4
PCB Mount SMA RF Connector
J5 - J6
2 mm DC Header
C1 - C3
100 pF Capacitor, 0402 Pkg.
C4
1,000 pF Capacitor, 0402 Pkg.
C5 - C7
2.2 µF Tantalum Capacitor
U1
HMC734LP5(E) VCO
PCB [2]
110225 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR
HMC734LP5 / 734LP5E
v03.0609
MMIC VCO w/ DIVIDE-BY-4
8.6 - 10.2 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com