Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC734LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC734LP5
Description  MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC734LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC734LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC734LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC734LP5 / 734LP5E
MMIC VCO w/ DIVIDE-BY-4
8.6 - 10.2 GHz
v03.0609
General Description
Features
Functional Diagram
The HMC734LP5(E) is a GaAs InGaP Heterojunc-
tion Bipolar Transistor (HBT) MMIC VCO. The
HMC734LP5(E) integrates a resonator, negative resis-
tance device, varactor diode and features a divide-by-4
frequency output. The VCO’s phase noise perfor-
mance is excellent over temperature, shock, and pro-
cess due to the oscillator’s monolithic structure. Power
output is +18 dBm typical from a +5V supply voltage.
The prescaler function can be disabled to conserve
current if not required. The voltage controlled oscilla-
tor is packaged in a leadless QFN 5x5 mm surface
mount package, and requires no external matching
components.
Dual Output: Fo = 8.6 - 10.2 GHz
Fo/4 = 2.15 - 2.55 GHz
Pout: +18 dBm
Phase Noise: -100 dBc/Hz @ 100 kHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm2
Typical Applications
The HMC734LP5(E) is ideal for:
• Point-to-Point/Multi-Point Radio
• Test Equipment & Industrial Controls
• SATCOM
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc (Dig), Vcc (Amp), Vcc (RF) = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/4
8.6 - 10.2
2.15 - 2.55
GHz
GHz
Power Output
RFOUT
RFOUT/4
15
-8
22
-1
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-100
dBc/Hz
Tune Voltage
Vtune
1
13
V
Supply Current
Icc(Dig) + Icc(Amp) + Icc(RF)
180
218
240
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss (RFOUT)
8
dB
Harmonics/Subharmonics
1/2
2nd
3rd
66
15
30
dBc
dBc
Pulling (into a 2.0:1 VSWR)
38
MHz pp
Pushing @ Vtune= 5V
30
MHz/V
Frequency Drift Rate
1.1
MHz/°C


Similar Part No. - HMC734LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5E HITTITE-HMC734LP5E Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
More results

Similar Description - HMC734LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5 Datasheet
259Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
logo
Analog Devices
HMC533LP4 AD-HMC533LP4 Datasheet
348Kb / 6P
MMIC VCO w/ DIVIDE-BY-16
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com