Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC770LP4BE Datasheet (PDF) - Hittite Microwave Corporation

HMC770LP4BE Datasheet PDF - Hittite Microwave Corporation
Part # HMC770LP4BE
Download  HMC770LP4BE Download
File Size   1833.64 Kbytes
Page   14 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz

HMC770LP4BE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC770LP4BE Datasheet PDF - Hittite Microwave Corporation

Part # HMC770LP4BE
Download  HMC770LP4BE Click to download

File Size   1833.64 Kbytes
Page   14 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz

HMC770LP4BE Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC770LP4BE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
915Kb / 14P
GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
949Kb / 14P
GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
More results


Similar Description - HMC770LP4BE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE Datasheet
915Kb / 14P
GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC754S8GE HITTITE-HMC754S8GE_10 Datasheet
1Mb / 10P
GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
TriQuint Semiconductor
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com