Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC994 Datasheet (PDF) - Hittite Microwave Corporation

HMC994 Datasheet PDF - Hittite Microwave Corporation
Part # HMC994
Download  HMC994 Download
File Size   619.91 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz

HMC994 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC994 Datasheet PDF - Hittite Microwave Corporation

Part # HMC994
Download  HMC994 Click to download

File Size   619.91 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz

HMC994 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC994

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC994 HITTITE-HMC994 Datasheet
587Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 32 GHz
logo
Analog Devices
HMC994A AD-HMC994A Datasheet
835Kb / 14P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz
HMC994APM5E AD-HMC994APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC POWER AMPLIFIER
More results


Similar Description - HMC994

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC994 HITTITE-HMC994 Datasheet
587Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 32 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC1022 HITTITE-HMC1022 Datasheet
683Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC - 48 GHz
logo
Analog Devices
HMC1022A AD-HMC1022A Datasheet
807Kb / 3P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC
HMC5805ALS6 AD-HMC5805ALS6 Datasheet
955Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER DC
HMC994A AD-HMC994A Datasheet
835Kb / 14P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz
HMC797A AD-HMC797A Datasheet
834Kb / 16P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com