Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13H Datasheet (PDF) - Micronetics, Inc.

C13H Datasheet PDF - Micronetics, Inc.
Part # C13H
Download  C13H Download
File Size   334.13 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 13.8 to 14.7 GHz

C13H Datasheet (PDF)

Go To PDF Page Download Datasheet
C13H Datasheet PDF - Micronetics, Inc.

Part # C13H
Download  C13H Click to download

File Size   334.13 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 13.8 to 14.7 GHz

C13H Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - C13H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C13 ETC1-C13 Datasheet
191Kb / 2P
Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
logo
Texas Instruments
C13 TI1-C13 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
New Jersey Semi-Conduct...
C13 NJSEMI-C13 Datasheet
71Kb / 1P
SCR
logo
ABB
C13 110-101 ABB-C13 110-101 Datasheet
115Kb / 4P
C13 110-101, Energy meter Steel, None, Threephase, 5 A
2024/06/23
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
DIRECTIONAL COUPLER
More results


Similar Description - C13H

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
C13A MICRONETICS-C13A Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
C13K MICRONETICS-C13K Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
C13Q MICRONETICS-C13Q Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
C13V MICRONETICS-C13V Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com