Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3771 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N3771 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N3771
Download  2N3771 Download
File Size   47.99 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N3771 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3771 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N3771
Download  2N3771 Click to download

File Size   47.99 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N3771 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N3771 Product details

DESCRIPTION
• Excellent Safe Operating Area
• High DC Current Gain-hFE=15(Min)@IC = 15A
• Low Saturation Voltage-
   : VCE(sat)= 2.0V(Max)@ IC = 15A

APPLICATIONS
• Designed for linear amplifiers, series pass regulators, and inductive switching applications.




Similar Part No. - 2N3771

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
logo
ON Semiconductor
2N3771 ONSEMI-2N3771 Datasheet
204Kb / 6P
POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
2N3771 WINGS-2N3771 Datasheet
47Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3771 BOCA-2N3771 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
More results


Similar Description - 2N3771

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com