Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG10Y Datasheet (PDF) - Vishay Siliconix

BYG10Y Datasheet PDF - Vishay Siliconix
Part # BYG10Y
Download  BYG10Y Download
File Size   106.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Avalanche SMD Rectifier

BYG10Y Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG10Y Datasheet PDF - Vishay Siliconix

Part # BYG10Y
Download  BYG10Y Click to download

File Size   106.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Avalanche SMD Rectifier

BYG10Y Datasheet (HTML) - Vishay Siliconix


BYG10Y Product details

Standard Avalanche SMD Rectifier

FEATURES
• Low profile package
• Ideal for automated placement
• Controlled avalanche characteristics
• Glass passivated junction
• Low reverse current
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
  For use in generell purpose rectification of power supplies, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication.




Similar Part No. - BYG10Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYG10Y GULFSEMI-BYG10Y Datasheet
140Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?600 V CURRENT竊?1.5A
logo
Shenzhen Luguang Electr...
BYG10Y LUGUANG-BYG10Y Datasheet
1Mb / 4P
Low profile package
logo
Vishay Siliconix
BYG10Y VISHAY-BYG10Y Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
15-Jan-14
BYG10Y VISHAY-BYG10Y Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
21-Feb-2020
logo
DAESAN ELECTRONIC CORP.
BYG10Y DAESAN-BYG10Y Datasheet
211Kb / 2P
STANDARD RECTIFIER
More results


Similar Description - BYG10Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10M-E3 VISHAY-BYG10M-E3 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
20-May-14
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_17 Datasheet
148Kb / 2P
Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000_18 Datasheet
167Kb / 2P
Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D_18 Datasheet
158Kb / 2P
Standard Avalanche SMD Rectifier Diodes
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
15-Jan-14
BYG10D VISHAY-BYG10D_V02 Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
21-Feb-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com