Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L2102 Datasheet (PDF) - Holtek Semiconductor Inc

HT7L2102 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7L2102
Download  HT7L2102 Download
File Size   1367.18 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections

HT7L2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7L2102 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7L2102
Download  HT7L2102 Click to download

File Size   1367.18 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections

HT7L2102 Datasheet (HTML) - Holtek Semiconductor Inc


HT7L2102 Product details

Description
The HT7L2102 is an advanced, highly integrated LED Lighting driver using an AC-DC isolation topology. The device provides many protection functions and uses ultra low power circuit design, and is optimized to restrict EMI. By integrating a Non-Audible Noise Green Mode Control Structure, users can implement a single circuit for different LED load levels for various series/parallel configurations but still maintain high efficiency for different load conditions. This device also integrates various protection functions for LED Lighting requirements such as Cycle-by-Cycle Current Limiting, Short-Circuit Protection (SCP), Over-Voltage Protection (OVP), Over-Temperature Protection (OTP) for external thermistor sensing, and a Soft-Start function to reduce inrush currents during LED power system initialization for the prevention of device burn-out.
The HT7L2102 provides a 1~99% PWM Dimming Range with duty-cycle scale precision lower than 1%.

Feature
• Frequency Jitter for EMI Restriction
• Integrated Soft-Start Function
• Very Low Operating Current and Start-up Current (<20mA) for satisfying Energy-Star 2.0 "No-Load Mode" (Stand-by) Power standard
• ±5% Trimmed Oscillator for Precise Frequency
• Non-Audible-Noise Green Mode Control to maintain efficiency for both Light and Heavy Loads
• LEB (Leading-Edge Blanking) on CS Pin
• Internal Slope Compensation
• Cycle-by-Cycle Current Limiting
• Short-Circuit-Protection(SCP) for Short-Circuit and Over-Load Condition
• Over-Voltage-Protection(OVP) on VCC Pin
• Over-Temperature-Protection(OTP) on TS pin for External Thermistor Sensing
• 1~99% PWM Dimming Range
• 8-pin SOP package

Applications
• Isolation AC-DC LED Lighting
• AC-DC Switching Power Supply/Adapter




Similar Part No. - HT7L2102

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L2103 HOLTEK-HT7L2103 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
November 04, 2011
More results


Similar Description - HT7L2102

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7L2103 HOLTEK-HT7L2103 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
November 04, 2011
logo
NXP Semiconductors
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
logo
Bright Power Semiconduc...
BP3212 BPS-BP3212 Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3216 BPS-BP3216 Datasheet
236Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3218 BPS-BP3218 Datasheet
234Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3236C BPS-BP3236C Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com