Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L2102 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7L2102
Description  Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L2102 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7L2102 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L2102 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.00
1
November 4, 2011
Rev. 1.00
PB
November 04, 2011
HT7L2102
Anti-EMI, High Efficiency Dimmable
LED Lighting Driver with Green Mode
and Integrated Protections
Feature
• FrequencyJitterforEMIRestriction
• IntegratedSoft-StartFunction
• VeryLowOperatingCurrentandStart-upCurrent
(<20mA)forsatisfyingEnergy-Star2.0"No-Load
Mode"(Stand-by)Powerstandard
• ±5%TrimmedOscillatorforPreciseFrequency
• Non-Audible-NoiseGreenModeControlto
maintainefficiencyforbothLightandHeavy
Loads
• LEB(Leading-EdgeBlanking)onCSPin
• InternalSlopeCompensation
• Cycle-by-CycleCurrentLimiting
• Short-Circuit-Protection(SCP)forShort-Circuit
andOver-LoadCondition
• Over-Voltage-Protection(OVP)onVCCPin
• Over-Temperature-Protection(OTP)onTSpinfor
ExternalThermistorSensing
• 1~99%PWMDimmingRange
• 8-pinSOPpackage
Applications
• IsolationAC-DCLEDLighting
• AC-DCSwitchingPowerSupply/Adapter
General Description
TheHT7L2102isanadvanced,highlyintegratedLED
LightingdriverusinganAC-DCisolationtopology.
Thedeviceprovidesmanyprotectionfunctionsand
usesultralowpowercircuitdesign,andisoptimized
torestrictEMI.ByintegratingaNon-AudibleNoise
GreenModeControlStructure,userscanimplement
asinglecircuitfordifferentLEDloadlevelsfor
variousseries/parallelconfigurationsbutstillmaintain
highefficiencyfordifferentloadconditions.This
devicealsointegratesvariousprotectionfunctionsfor
LEDLightingrequirementssuchasCycle-by-Cycle
CurrentLimiting,Short-CircuitProtection(SCP),
Over-VoltageProtection(OVP),Over-Temperature
Protection(OTP)forexternalthermistorsensing,and
aSoft-Startfunctiontoreduceinrushcurrentsduring
LEDpowersysteminitializationforthepreventionof
deviceburn-out.
TheHT7L2102providesa1~99%PWMDimming
Rangewithduty-cyclescaleprecisionlowerthan1%.
Application Circuits
R3
R7
D4
D3
R4
R19
C12
GD
VCC
TS
ISENSE
COMP/FB
C19
GND
RT
Vref
R11
C15
D1
R20
Vout
C14
T1
Q1
U2
U1
C2
BD1
Vac=85V~265V
L
N
1
5
4
3
7
8
Q3
C4
Rts
R28


Similar Part No. - HT7L2102

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L2103 HOLTEK-HT7L2103 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
November 04, 2011
More results

Similar Description - HT7L2102

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7L2103 HOLTEK-HT7L2103 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
November 04, 2011
logo
NXP Semiconductors
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
logo
Bright Power Semiconduc...
BP3212 BPS-BP3212 Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3216 BPS-BP3216 Datasheet
236Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3218 BPS-BP3218 Datasheet
234Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3236C BPS-BP3236C Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com