Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L2103 Datasheet (PDF) - Holtek Semiconductor Inc

HT7L2103 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7L2103
Download  HT7L2103 Download
File Size   1384.75 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode

HT7L2103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7L2103 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7L2103
Download  HT7L2103 Click to download

File Size   1384.75 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode

HT7L2103 Datasheet (HTML) - Holtek Semiconductor Inc


HT7L2103 Product details

General Description
The HT7L2103 is an advanced, highly integrated LED Lighting Driver using an AC-DC isolation topology. The device provides many protection functions and uses ultra low power circuit design, and is optimized to restrict EMI. By integrating a special multi-function interface, this device can be used for different LED power topologies such as Primary Feedback Isolation Flyback, Secondary Feedback Isolation Flyback, DC-DC Buck/Boost/ BuckBoost. This device also integrates various protection functions for LED Lighting requirements such as Cycle-by-Cycle Current Limiting, Short-Circuit Protection (SCP), Over-Voltage Protection (OVP), Internal Over-Temperature Protection (OTP), and a Soft-Start function to reduce inrush currents during LED power system initialization for the prevention of device burn-out.
The HT7L2103 provides a 1~99% PWM Dimming Range with duty-cycle scale precision lower than 1%.

Feature
• Frequency Jitter for EMI Restriction
• Integrated Soft-Start Function
• Very Low Operating Current and Start-up Current (<20mA) for satisfying Energy-Star 2.0 "No-Load Mode" (Stand-by) Power standard
• ±5% Trimmed Precision Oscillator
• Non-Audible-Noise Green Mode Control to maintain efficiency for both Light and Heavy Loads
• LEB (Leading-Edge Blanking) on CS Pin
• Internal Slope Compensation
• Cycle-by-Cycle Current Limiting
• Short-Circuit-Protection(SCP) for Short-Circuit and Over-Load Condition
• Over-Voltage-Protection(OVP) on VCC Pin
• Internal Over-Temperature-Protection(OTP)
• 1~99% PWM Dimming Range
• 8-pin SOP package

Applications
•  Isolation AC-DC LED Lighting
•  AC-DC Switching Power Supply/Adapter




Similar Part No. - HT7L2103

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L2102 HOLTEK-HT7L2102 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections
More results


Similar Description - HT7L2103

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L2102 HOLTEK-HT7L2102 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com