Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L2103 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7L2103
Description  Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L2103 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7L2103 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev. 1.00
3
November 04, 2011
HT7L2103
Electrical Characteristics
Unless otherwise stated, this specifications apply for 0°C ≤ Ta ≤ 70°C, VCC=15V, RT=10kW
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage (VCC Pin)
IST
Startup Current
VCC=12.9V
—
12
30
m
A
ICC
Operating Current
VFB/PDM=0V
—
2.0
3.0
mA
VFB/PDM=3V
—
2.5
—
mA
VTL
UVLO (Off)
—
7
8
9
V
VTH
UVLO (On)
—
13
14
15
V
VCC
OVP Trip Level
VCC(Over Voltage Protection)
26.5
28.0
29.5
V
tD-OVP
OVP Strobe Time
—
—
100
—
m
s
Voltage Reference (VREF Pin)
VREF
Output Voltage
Tj=25°C, IO=1mA
—
5.5
—
V
∆VREF
Line Regulation
12V ≤ VCC ≤ 25V
—
3.0
20
mV
∆VREF
Load Regulation
1mA ≤ IO ≤ 10mA
—
4.0
25
mV
Current Sensing (ISE NSE Pin)
VIS(OFF)
Maximum Input Voltage
—
0.9
1.0
1.1
V
tLEB
Leading Edge Blanking Time
—
—
350
—
ns
Delay to Output
—
—
100
—
ns
Oscillator (RT pin)
fOSC
Oscillator Frequency
Tj=25°C, RT=10kW to GND
49
52
55
kHz
∆fOSC
∆TA
Temperature Stability
-40°C ~105°C
—
5.0
—
%
∆fOSC
∆VREF
Voltage Stability
VCC=10V~25V
—
0.2
1.0
%/V
DMAX
Maximum Duty
—
—
75
—
%
Frequency Jitter
—
—
±4
—
%
Gate Drive Output (GD Pin)
VOL
Output Low Level
VCC=15V, Isink=20mA
—
—
1
V
VOH
Output High Level
VCC=15V, Isource=20mA
9.0
—
—
V
tr
Rising Time
Tj=25°C, Load Capacitance=1nF
—
50
150
ns
tf
Falling Time
Tj=25°C, Load Capacitance=1nF
—
50
150
ns
Voltage Feedback (FB/PDM Pin)
ISINK
Short Circuit Current
VFB/PDM=0V
—
1.5
2.2
mA
VFB/PDM
Open Loop Voltage
FB/PDM pin open
—
5.5
—
V
SCP (Short Circuit Protection)
VFB/PDM
SCP Trip Level
VFB/PDM (SCP)
—
4.7
—
V
SCP Delay Time (See Note)
fS=52kHz
—
75
—
ms
Soft-Start
tSTART
Soft-Start Time
RT=10kW
—
10
—
ms
Internal OTP(Over Temperature Protection)
tPOn
OTP Trigger Temperature
—
150
—
°C
tP-Hys
OTP Temperature Hysteresis
—
30
—
°C
Multi-Function Pin
VREFA
Reference Voltage
VFB/PDM=2.5V
2.42
2.50
2.58
V
ISINKA
Output Sink Current
VFB=2.7V, VFB/PDM=1.1V
2.0
7.0
—
mA
ISOURCEA
Output Source Current
VFB=2.3V, VFB/PDM=4.8V
-0.5
-1.0
—
mA
VOHA
VFB/PDM High Voltage
VFB=2.3V, RL=15kW to GND
4.8
5.0
—
V
VOLA
VFB/PDM Low Voltage
VFB=2.3V, RL=15kW to VREF
—
0.8
1.1
V
AVO
DC Gain
—
150
—
dB
Note:TheseParameters,althoughguaranteed,arenot100%testedinproduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com