Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L2103 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7L2103
Description  Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L2103 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7L2103 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L2103 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.00
1
November 04, 2011
Rev. 1.00
PB
November 04, 2011
HT7L2103
Anti-EMI, High Efficiency Dimmable
LED Lighting Driver with Primary-Side
Constant Control and Green Mode
Feature
• FrequencyJitterforEMIRestriction
• IntegratedSoft-StartFunction
• VeryLowOperatingCurrentandStart-upCurrent
(<20mA)forsatisfyingEnergy-Star2.0"No-Load
Mode"(Stand-by)Powerstandard
• ±5%TrimmedPrecisionOscillator
• Non-Audible-NoiseGreenModeControlto
maintainefficiencyforbothLightandHeavy
Loads
• LEB(Leading-EdgeBlanking)onCSPin
• InternalSlopeCompensation
• Cycle-by-CycleCurrentLimiting
• Short-Circuit-Protection(SCP)forShort-Circuit
andOver-LoadCondition
• Over-Voltage-Protection(OVP)onVCCPin
• InternalOver-Temperature-Protection(OTP)
• 1~99%PWMDimmingRange
• 8-pinSOPpackage
Applications
• IsolationAC-DCLEDLighting
• AC-DCSwitchingPowerSupply/Adapter
General Description
TheHT7L2103isanadvanced,highlyintegrated
LEDLightingDriver using anAC-DC isolation
topology.The device provides many protection
functionsandusesultralowpowercircuitdesign,and
isoptimizedtorestrictEMI.Byintegratingaspecial
multi-functioninterface,thisdevicecanbeusedfor
differentLEDpowertopologiessuchasPrimary
FeedbackIsolationFlyback,SecondaryFeedback
Isolation Flyback, DC-DC Buck/Boost/ Buck-
Boost.Thisdevicealsointegratesvariousprotection
functionsforLEDLightingrequirementssuchas
Cycle-by-Cycle Current Limiting, Short-Circuit
Protection(SCP),Over-VoltageProtection(OVP),
InternalOver-TemperatureProtection(OTP),anda
Soft-Startfunctiontoreduceinrushcurrentsduring
LEDpowersysteminitializationforthepreventionof
deviceburn-out.
TheHT7L2103providesa1~99%PWMDimming
Rangewithduty-cyclescaleprecisionlowerthan1%.
Application Circuits
R3
R7
D4
D3
R4
R19
C12
GD
VCC
MF
ISENSE
COMP/FB
GND
RT
Vref
R11
C15
HT7L2103
D1
C14
T1
Q1
U1
C2
BD1
Vac=85V~265V
L
N
1
5
4
3
7
8
C4
Vout
R12
R13
R14
C16


Similar Part No. - HT7L2103

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L2102 HOLTEK-HT7L2102 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections
More results

Similar Description - HT7L2103

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L2102 HOLTEK-HT7L2102 Datasheet
1Mb / 11P
Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Green Mode and Integrated Protections
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com