Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD569 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD569 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD569
Download  2SD569 Download
File Size   252.98 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SD569 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD569 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD569
Download  2SD569 Click to download

File Size   252.98 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SD569 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD569 Product details

DESCRIPTION
• High Collector Current:: IC= 7A
• Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@IC= 5A
• Complement to Type 2SB708

APPLICATIONS
• Designed for low-frequency power amplifiers and low-speed switching applications.




Similar Part No. - 2SD569

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
2SD560 FUJITSU-2SD560 Datasheet
209Kb / 3P
SILICON NPN EPITAXIAL DARLINGTON TRANSISTOR (5 AMP, 100 VOLT)
logo
NEC
2SD560 NEC-2SD560 Datasheet
90Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
logo
Savantic, Inc.
2SD560 SAVANTIC-2SD560 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Tiger Electronic Co.,Lt...
2SD560 TGS-2SD560 Datasheet
71Kb / 1P
NPN Silicon Power Ttransistors
More results


Similar Description - 2SD569

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com