Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD315 Datasheet (PDF) - Inchange Semiconductor Company Limited

BD315 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BD315
Download  BD315 Download
File Size   215.49 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD315 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD315 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BD315
Download  BD315 Click to download

File Size   215.49 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BD315 Datasheet (HTML) - Inchange Semiconductor Company Limited


BD315 Product details

DESCRIPTION
• Excellent Safe Operating Area
• DC Current Gain-hFE= 25(Min.)@IC = 8A
• Collector-Emitter Saturation Voltage- : VCE(sat)= 1.0 V(Max)@ IC = 8A
• Complement to Type BD316

APPLICATIONS
• Designed for high quality amplifiers operating up to 100 watts into 4 ohm load.




Similar Part No. - BD315

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Anaren Microwave
BD3150L50100A00 ANAREN-BD3150L50100A00 Datasheet
234Kb / 6P
Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD3150L50100AHF ANAREN-BD3150L50100AHF Datasheet
3Mb / 6P
Ultra Small Low Profile 0603 Balun 50 to 100 Balanced
BD3150L50200A00 ANAREN-BD3150L50200A00 Datasheet
234Kb / 6P
Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD3150N50100AHF ANAREN-BD3150N50100AHF Datasheet
307Kb / 6P
Ultra Low Profile 0404 Balun 50 to 100 Balanced
More results


Similar Description - BD315

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com