Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011ILT Datasheet (PDF) - STMicroelectronics

TS3011ILT Datasheet PDF - STMicroelectronics
Part # TS3011ILT
Download  TS3011ILT Download
File Size   239.46 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail high-speed comparator

TS3011ILT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3011ILT Datasheet PDF - STMicroelectronics

Part # TS3011ILT
Download  TS3011ILT Click to download

File Size   239.46 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail high-speed comparator

TS3011ILT Datasheet (HTML) - STMicroelectronics


TS3011ILT Product details

Description

The TS3011 single comparator features a high speed response time with rail-to-rail inputs. Specified for a supply voltage of 2.2 to 5 V, this comparator can operate over a wide temperature range of -40°C to +125°C.

The TS3011 offers micropower consumption as low as a few hundred microamperes, thus providing an excellent ratio of power consumption current versus response time.

The TS3011 includes push-pull outputs and is available in small packages (SMD): SOT23-5 and SC70-5.



Features

■ Propagation delay: 8 ns

■ Low current consumption: 470 μA typ at 5 V

■ Rail-to-rail inputs

■ Push-pull outputs

■ Supply operation from 2.2 to 5 V

■ Wide temperature range: -40°C to +125°C

■ ESD tolerance: 2 kV HBM/200 V MM

■ Latch-up immunity: 200 mA

■ SMD packages



Applications

■ Telecoms

■ Instrumentation

■ Signal conditioning

■ High-speed sampling systems

■ Portable communication systems



 




Similar Part No. - TS3011ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3011ILT STMICROELECTRONICS-TS3011ILT Datasheet
1Mb / 20P
Rail-to-rail high-speed comparator
09-Apr-2025
More results


Similar Description - TS3011ILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
Automotive rail-to-rail 1.8 V high-speed comparator
24-Aug-2016
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com