Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011ILT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS3011ILT
Description  Rail-to-rail high-speed comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011ILT Datasheet(HTML) 4 Page - STMicroelectronics

  TS3011ILT Datasheet HTML 1Page - STMicroelectronics TS3011ILT Datasheet HTML 2Page - STMicroelectronics TS3011ILT Datasheet HTML 3Page - STMicroelectronics TS3011ILT Datasheet HTML 4Page - STMicroelectronics TS3011ILT Datasheet HTML 5Page - STMicroelectronics TS3011ILT Datasheet HTML 6Page - STMicroelectronics TS3011ILT Datasheet HTML 7Page - STMicroelectronics TS3011ILT Datasheet HTML 8Page - STMicroelectronics TS3011ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
TS3011
4/14
Doc ID 022078 Rev 1
Table 4.
VCC =+2.7V, VICM =VCC/2, Tamb = +25°C (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage(2)
-40°C < Tamb < +125°C
-7
-9
-0.1
7
9
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +125°C
5
20
μV/°C
VHYST Input hysteresis voltage
(3)
2mV
IIO
Input offset current(4)
-40°C < Tamb < +125°C
120
100
pA
IIB
Input bias current
-40°C < Tamb < +125°C
120
100
pA
ICC
Supply current
No load, output high
-40°C < Tamb < +125°C
No load, output low
-40°C < Tamb < +125°C
0.52
0.66
0.65
0.9
0.89
1.1
mA
ISC
Short circuit current
Source
Sink
24
19
27
22
mA
VOH
Output voltage high
Isource =4 mA
-40°C < Tamb < +125°C
2.48
2.40
2.52
V
VOL
Output voltage low
Isink = 4 mA
-40°C < Tamb < +125°C
130
170
220
mV
CMRR
Common mode rejection ratio
0 < VICM < 2.7 V
52
70
dB
TPLH
Propagation delay(5)
low to high output level
CL = 12 pF, RL = 1 MΩ
Overdrive = 5 mV
Overdrive = 15 mV
Overdrive = 50 mV
16
11
913
ns
TPHL
Propagation delay(6)
high to low output level
CL = 12 pF, RL = 1 MΩ
Overdrive = 5 mV
Overdrive = 15 mV
Overdrive = 50 mV
16
11
913
ns
TR
Rise time (10% to 90%)
CL = 12 pF, RL = 1 MΩ
Overdrive = 100 mV
2.3
ns
TF
Fall time (90% to 10%)
CL = 12 pF, RL = 1 MΩ
Overdrive = 100 mV
1.8
ns
1.
All values over the temperature range are guaranteed through correlation and simulation. No production tests are
performed at the temperature range limits.
2.
The offset is defined as the average value of positive (VTRIP+) and negative (VTRIP-) trip points (input voltage differences
requested to change the output state in each direction.
3.
Hysteresis is a built-in feature of the TS3011. It is defined as the voltage difference between the trip points.
4.
Maximum values include unavoidable inaccuracies of the industrial tests.
5.
Overdrive is measured with reference to the VTRIP+ point.
6.
Overdrive is measured with reference to the VTRIP- point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com