Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011ILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS3011ILT
Description  Rail-to-rail high-speed comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011ILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS3011ILT Datasheet HTML 2Page - STMicroelectronics TS3011ILT Datasheet HTML 3Page - STMicroelectronics TS3011ILT Datasheet HTML 4Page - STMicroelectronics TS3011ILT Datasheet HTML 5Page - STMicroelectronics TS3011ILT Datasheet HTML 6Page - STMicroelectronics TS3011ILT Datasheet HTML 7Page - STMicroelectronics TS3011ILT Datasheet HTML 8Page - STMicroelectronics TS3011ILT Datasheet HTML 9Page - STMicroelectronics TS3011ILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
TS3011
6/14
Doc ID 022078 Rev 1
Figure 1.
Current consumption vs. power
supply voltage - output low
Figure 2.
Current consumption vs. power
supply voltage - output high
Figure 3.
Current consumption vs.
temperature
Figure 4.
Output voltage vs. sinking current,
output low, VCC = 2.7 V
Figure 5.
Output voltage vs. sinking current,
output low, VCC = 5 V
Figure 6.
Output voltage drop vs. sourcing
current, output high, VCC = 2.7 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
100
200
300
400
500
600
700
800
900
1000
V
ICM
=0V
Output LOW
V
CC
(V)
T = -40
oC
T = 125
oC
T = 25
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
100
200
300
400
500
600
700
800
900
1000
V
ICM
=0V
Output HIGH
V
CC
(V)
T = -40
oC
T = 125
oC
T = 25
oC
-40
-20
0
20
40
60
80
100
120
300
400
500
600
700
800
900
Output HIGH
V
CC
= 5V
V
ICM
= 0V
Temperature
(
o
C
)
Output LOW
1E-4
1E-3
0.01
1E-3
0.01
0.1
1
T = 25
oC
I
SINK
(A)
T = 125
oC
T = -40
oC
V
CC
= 2,7V
output LOW
1E-4
1E-3
0.01
0.1
1E-3
0.01
0.1
1
T = 25
oC
I
SINK
(A)
T = 125
oC
T = -40
oC
V
CC
= 5V
output LOW
1E-4
1E-3
0.01
1E-3
0.01
0.1
1
T = 25
oC
I
SOURCE
(A)
T = 125
oC
T = -40
oC
V
CC
= 2,7V
output HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com