Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE15032 Datasheet (PDF) - Inchange Semiconductor Company Limited

MJE15032 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJE15032
Download  MJE15032 Download
File Size   109.16 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE15032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE15032 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJE15032
Download  MJE15032 Click to download

File Size   109.16 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE15032 Datasheet (HTML) - Inchange Semiconductor Company Limited


MJE15032 Product details

DESCRIPTION
• Collector-Emitter Sustaining Voltage-
    : VCEO(SUS)= 250V(Min)
• DC current gain -
    : hFE = 50 (Min) @IC= 0.5 A
    : hFE = 10 (Min) @IC= 2.0 A
• Complement to Type MJE15033
   
APPLICATIONS
• Designed for use as high–frequency drivers in audio
    amplifiers.
   




Similar Part No. - MJE15032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032 Datasheet
141Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1997
MJE15032 ONSEMI-MJE15032 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Savantic, Inc.
MJE15032 SAVANTIC-MJE15032 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
MJE15032 SAVANTIC-MJE15032 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - MJE15032

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com