Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP196 Datasheet (PDF) - Siemens Semiconductor Group

BFP196 Datasheet PDF - Siemens Semiconductor Group
Part # BFP196
Download  BFP196 Download
File Size   60.94 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)

BFP196 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP196 Datasheet PDF - Siemens Semiconductor Group

Part # BFP196
Download  BFP196 Click to download

File Size   60.94 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)

BFP196 Datasheet (HTML) - Siemens Semiconductor Group


BFP196 Product details

• For low noise, low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5GHz at collector currents from 20mA to 80mA

• Power amplifier for DECT and PCN systems

• fT = 7.5GHz

   F = 1.5 dB at 900MHz



 




Similar Part No. - BFP196

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP196 INFINEON-BFP196 Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-22-2001
BFP196 INFINEON-BFP196 Datasheet
79Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP196 INFINEON-BFP196 Datasheet
557Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
logo
Siemens Semiconductor G...
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
logo
Infineon Technologies A...
BFP196W INFINEON-BFP196W Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-22-2001
More results


Similar Description - BFP196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFG194 SIEMENS-BFG194 Datasheet
65Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFG235 SIEMENS-BFG235 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
BFR194 SIEMENS-BFR194 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com